Part Number Hot Search : 
10M162J HE721C EPA1951G 827M0 15C30 35100 CM542 PR100
Product Description
Full Text Search
 

To Download I2001RW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 I2000RW Series
Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
Electrical Specifications
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
Key Features:
* 20W Output Power * 2:1 Input Range * Ultra- Miniature Case * Optional Remote Control * 1,600 VDC Isolation * >800 kHour MTBF * Standard Pin-Out
Input
Parameter Input Voltage Range Input Filter Conditions Min. 12 VDC Input 9.0 24 VDC Input 18.0 48 VDC input 36.0 LC Filter Conditions Min. Positive Vin = Min to Max Iout = 10% to 100% 3.3V, 5V Output Models 12V, 15V Output Models 3.3V, 5V Output Models 12V, 15V Output Models See Note 2 120 Zener Diode Clamp Typ. 12.0 24.0 48.0 Max. 18.0 36.0 75.0 Units VDC
Output
Parameter Output Voltage Accuracy Line Regulation Load Regulation Ripple (20 MHz) (Note 1) Noise (20 MHz) (Note 1) Output Power Protection Over Voltage Protection Temperature Coefficient Output Short Circuit Typ. 2.0 0.5 1.0 Max. Units % % % mV P - P mV P - P % %/C
75 100 100 125
0.02 Continuous (Autorecovery) Conditions Min. 60 Seconds 1,600 500 VDC 100 100 kHz, 1V 3.3V, 5V Output Models 12V, 15V Output Models Min. -40 Typ. Max.
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency Units VDC M pF kHz
1,000 450 300 Typ. +25 Max. +85 +105 +105
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Derating Humidity Physical Case Size Case Material Weight Conditions Ambient Case Units C C C
-55 Free Air Convection See Curve RH, Non-condensing
95
%
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
1.00 x 1.00 x 0.433 Inches (25.4 x 25.4 x 11.0 mm) Six-Sided Shielded Aluminum With Non-Conductive Base (UL94-V0) 0.52 Oz (15g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case For 10 Sec Min. 800 Min. -0.7 -0.7 -0.7 Typ. Max. Units kHours Units VDC C
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Typ. Max. 20.0 40.0 80.0 300
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
www.micropowerdirect.com
Model Selection Guide
Input Model Number I2001RW I2002RW I2003RW I2004RW I2011RW I2012RW I2013RW I2014RW I2021RW I2022RW I2023RW I2024RW Voltage (VDC) Nominal 12 12 12 12 24 24 24 24 48 48 48 48 Range 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 9.0 - 18.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 18.0 - 36.0 36.0 - 75.0 36.0 - 75.0 36.0 - 75.0 36.0 - 75.0 Output Current (mA)
www.micropowerdirect.com
Capacitive Fuse Rating Load Slow-Blow (F Max) (mA) 2,000 2,000 470 330 2,000 2,000 470 330 2,000 2,000 470 330 4,000 4,000 4,000 4,000 2,000 2,000 2,000 2,000 1,000 1,000 1,000 1,000
Over Efficiency Voltage Voltage Current Current Protection (%, Typ) Full-Load No-Load (VDC) (mA, Max) (mA, Min) (VDC) 1,961 90 3.3 4,500 450 4.6 85 1,873 90 5.0 4,000 400 6.2 89 1,873 50 12.0 1,660 166 15.5 88 1,873 50 15.0 1,330 133 18.6 88 986 45 3.3 4,500 450 4.6 86 936 45 5.0 4,000 400 6.2 89 936 25 12.0 1,660 166 15.5 89 936 25 15.0 1,330 133 18.6 89 496 28 3.3 4,500 450 4.6 84 473 28 5.0 4,000 400 6.2 88 473 15 12.0 1,660 166 15.5 88 473 15 15.0 1,330 133 18.6 88
Notes: 1. When measuring output ripple, it is recommended that an external ceramic capacitor (approx 0.1 F) be placed from the +Vout pin to the -Vout pin. 2. Unit recovers automatically from an over power condition once the fault is removed. 3. It is recommended that the units not be operated with a load under 10% of full load. Operation at no-load will not damage the unit, but they may not meet all specifications. Min Max 4. The On/Off Control input 5.0 VDC 15.0 VDC (Pin 3) is referenced to -Vin On (Pin 1). If it is not used, the Off 0.0 VDC 0.3 VDC control pin should be left In. Current (on) -1 mA open. In. Current (off) 1 mA 5. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Derating Curve
Mechanical Dimensions Pin Connections
Pin 1 2 3 4 5 6 Function +Vin -Vin Control (Optional) +Vout No Pin -Vout
Notes:
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
*
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25) * Pin 1 is marked by a "dot" on the top of the unit
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of I2001RW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X